PART |
Description |
Maker |
BR2321W |
P-Channel MOSFET in a SOT-323 Plastic Package
|
Foshan Blue Rocket Elec...
|
MMBF2202PT1G MMBF2202PT106 MMBF2202PT1 |
Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
|
ONSEMI[ON Semiconductor]
|
2SC4863 2SC4863-5 2SC4863-3 |
TRANSISTOR | BJT | NPN | 8V V(BR)CEO | 70MA I(C) | SOT-323 晶体管|晶体管|叩| 8V的五(巴西)总裁|提供70mA一(c)|SOT - 323 VHF to UHF Wide-Band Low-Noise Amp Applications
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
NTS4409NT1G |
Small Signal MOSFET 25 V, 0.75 A, Single, N−Channel, ESD Protection, SC−70/SOT−323
|
ON Semiconductor
|
GA1F4Z GA1F4ZL65 GA1F4ZL64 GA1F4Z-T2 |
Hybrid transistor MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-323 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 323
|
NEC[NEC] NEC Corp. NEC, Corp.
|
GN1A4Z GN1A4Z-T2 GN1A4Z-T1 GN1A4ZM67 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-323 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 323 MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR Hybrid transistor
|
NEC, Corp.
|
BC857BWT1 BC857AWT1 BC858BWT1 BC856BWT1 BC858AWT1 |
CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 419-02/ STYLE 3 SOT-323/SC-70 CASE 419-02 STYLE 3 SOT-323/SC-70
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BSS209PW |
Low Voltage MOSFETs - OptiMOS MOSFET, -20V, SOT-323 OptiMOS -P Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
NTF3055-100T3LF NTF3055-100T1 NTF3055-100-D |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223 TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 3A I(D) | SOT-223 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 3A条(丁)|的SOT - 223
|
ON Semiconductor
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
NTF3055L108 NTF3055L108D NTF3055L108T1 NTF3055L108 |
Power MOSFET 3.0 A, 60 V, Logic Level, N−Channel SOT−223 3 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET 3.0 A, 60 V, Logic Level N-Channel SOT-223(3A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 3.0 A, 60 V, Logic Level, N−Channel SOT−223
|
ONSEMI[ON Semiconductor]
|
STQ1NK80ZR-AP STN1NK80Z STD1NK80Z-1 STD1NK80Z STD1 |
0.3 A, 800 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 N-CHANNEL 800V - 13 ヘ - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH⑩ MOSFET N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH MOSFET N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH?/a> MOSFET
|
STMicroelectronics
|